Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-2M Datasheet (PDF) - Infineon Technologies AG

TLE4961-2M Datasheet PDF - Infineon Technologies AG
Part # TLE4961-2M
Download  TLE4961-2M Download
File Size   15846.03 Kbytes
Page   91 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Sensor solutions for automotive, industrial and consumer applications

TLE4961-2M Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4961-2M Datasheet PDF - Infineon Technologies AG

Part # TLE4961-2M
Download  TLE4961-2M Click to download

File Size   15846.03 Kbytes
Page   91 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Sensor solutions for automotive, industrial and consumer applications

TLE4961-2M Datasheet (HTML) - Infineon Technologies AG


TLE4961-2M Product details

Features
› Integrated current rail with typical 220 μΩ insertion resistance enables
ultralow power loss
› Small form factor, 8x8 mm SMD, for easy integration and board area saving
› Highly accurate, scalable, DC and AC current sensing
› Bandwidth of 240 kHz enables wide range of applications
› Very low sensitivity error over temperature (< 2.5%)
› Excellent stability of offset over temperature and lifetime
› Galvanic functional isolation up to 1150 V peak VIORM;
partial discharge capability of at least 1200 V; 4 mm clearance and creepage
› Differential sensor principle ensures superior magnetic stray field suppression
› Two independent fast over-current detection (OCD) pins with configurable
thresholds enable protection mechanisms for power circuitry (typical < 1.5 μs)
› Pre-calibrated sensor
Applications
› Electrical drives (up to 690 V)
› Photovoltaic inverter
› General purpose & GAN based inverters
› Chargers
› Power supplies




Similar Part No. - TLE4961-2M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4961-2M INFINEON-TLE4961-2M Datasheet
1Mb / 26P
High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-01-19
More results


Similar Description - TLE4961-2M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
For Wi-Fi Industrial and Consumer Applications
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
NFC reader for payment, consumer and industrial applications
15-Mar-2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com