Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-P4 Datasheet (PDF) - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet PDF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Part # ESP32-P4
Download  ESP32-P4 Download
File Size   1469.56 Kbytes
Page   93 Pages
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Description MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor

ESP32-P4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESP32-P4 Datasheet PDF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Download  ESP32-P4 Click to download

File Size   1469.56 Kbytes
Page   93 Pages
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Description MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor

ESP32-P4 Datasheet (HTML) - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.


ESP32-P4 Product details

CPU and Memory
• 32-bit RISC-V dual-core processor up to 400 MHz for HP system
• 32-bit RISC-V single-core processor up to 40 MHz for LP system
• CoreMark® Score (dual-core):
– 6.92 CoreMark/MHz
• 128 KB HP ROM
• 16 KB LP ROM
• 768 KB HP L2MEM
• 32 KB LP SRAM
• 8 KB system SPM (Scratchpad Memory)
• Multiple high-speed external memory interfaces
• Two-level high-speed cache

System DMA
• GDMA Controller
• VDMA Controller
• 2D-DMA Controller




Similar Part No. - ESP32-P4

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-PICO ESPRESSIF-ESP32-PICO Datasheet
4Mb / 64P
2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
Version 1.1
ESP32-PICO-D4 ESPRESSIF-ESP32-PICO-D4 Datasheet
2Mb / 24P
The ESP32-PICO-D4 is a System-in-Package (SiP) module that is based on ESP32, providing complete Wi-Fi and Bluetooth functionalities
ESP32-PICO-D4 ESPRESSIF-ESP32-PICO-D4  Datasheet
4Mb / 64P
2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
Version 1.1
ESP32-PICO-MINI-02 ESPRESSIF-ESP32-PICO-MINI-02 Datasheet
923Kb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module Built around ESP32 series of SoCs, Xtensa® dualcore Flash up to 8 MB, PSRAM up to 2 MB 27 GPIOs, rich set of peripherals On-board PCB antenna or external antenna connector
2022 Version 1.2
ESP32-PICO-MINI-02-N8R2 ESPRESSIF-ESP32-PICO-MINI-02-N8R2 Datasheet
923Kb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module Built around ESP32 series of SoCs, Xtensa® dualcore Flash up to 8 MB, PSRAM up to 2 MB 27 GPIOs, rich set of peripherals On-board PCB antenna or external antenna connector
2022 Version 1.2
More results


Similar Description - ESP32-P4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
02-Feb-1999
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
16-Aug-2024
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
21-Feb-2006
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com