Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

702A.CF Datasheet (PDF) - IDEAL-TEK SA

702A.CF Datasheet PDF - IDEAL-TEK SA
Part # 702A.CF
Download  702A.CF Download
File Size   573.6 Kbytes
Page   1 Pages
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA
Description Full Plastic Tweezers

702A.CF Datasheet (PDF)

Go To PDF Page Download Datasheet
702A.CF Datasheet PDF - IDEAL-TEK SA

Part # 702A.CF
Download  702A.CF Click to download

File Size   573.6 Kbytes
Page   1 Pages
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA
Description Full Plastic Tweezers

702A.CF Datasheet (HTML) - IDEAL-TEK SA


702A.CF Product details

Description: Type 702A full Plastic tweezers are suitable to applications which require holding a very fragile flat component. The Carbon Fiber reinforced ESD Plastic provides the tweezers with ESD and non-scratching properties.

Tip description: straight, very fine, round, flat




Similar Part No. - 702A.CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
702 ETC2-702 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Vishay Siliconix
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
logo
Ashcroft, Inc.
702 ASHCROFT-702 Datasheet
1Mb / 4P
702/703 Flanged Diaphragm Seal
RevC_01-19-22
logo
Adafruit Industries
702 ADAFRUIT-702 Datasheet
193Kb / 2P
Adafruit Proto Plate for Beagle Bone & Beagle Bone Black
9/26/2014
logo
Keystone Electronics Co...
702 KEYSTONE-702 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
More results


Similar Description - 702A.CF

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
242BCCFR.SA.1 IDEAL-TEK-242BCCFR.SA.1 Datasheet
453Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
242CCFR.SA.1 IDEAL-TEK-242CCFR.SA.1 Datasheet
440Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
249CCFR.SA.1 IDEAL-TEK-249CCFR.SA.1 Datasheet
456Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
259CCFR.SA.1 IDEAL-TEK-259CCFR.SA.1 Datasheet
439Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 02.12.2022
277CCFR.SA.1 IDEAL-TEK-277CCFR.SA.1 Datasheet
453Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
3CCFR.SA.1 IDEAL-TEK-3CCFR.SA.1 Datasheet
459Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com