Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1230 Datasheet (PDF) - ON Semiconductor

NCP1230 Datasheet PDF - ON Semiconductor
Part # NCP1230
Download  NCP1230 Download
File Size   199.86 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Standby Power High Performance PWM Controller

NCP1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1230 Datasheet PDF - ON Semiconductor

Part # NCP1230
Download  NCP1230 Click to download

File Size   199.86 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Standby Power High Performance PWM Controller

NCP1230 Datasheet (HTML) - ON Semiconductor


NCP1230 Product details

The NCP1230 represents a major leap towards achieving low standby power in medium-to-high power Switched-Mode Power Supplies such as notebook adapters, off-line battery chargers and consumer electronics equipment. Housed in a compact 8-pin package (SOIC-8, SOIC-7, or PDIP-7), the NCP1230 contains all needed control functionality to build a rugged and efficient power supply.

Features
• Current-Mode Operation with Internal Ramp Compensation
• Internal High-Voltage Startup Current Source for Loss-Less Startup
• Extremely Low No-Load Standby Power
• Skip-Cycle Capability at Low Peak Currents
• Direct Connection to PFC Controller for Improved No-Load Standby Power
• Internal 2.5 ms Soft-Start
• Internal Leading Edge Blanking
• Latched Primary Overcurrent and Overvoltage Protection
• Short-Circuit Protection Independent of Auxiliary Level
• Internal Frequency Jittering for Improved EMI Signature
• +500 mA/-800 mA Peak Current Drive Capability
• Available in Three Frequency Options: 65 kHz, 100 kHz, and 133 kHz
• Direct Optocoupler Connection
• SPICE Models Available for TRANsient and AC Analysis
• Pb-Free Packages are Available

Typical Applications
• High Power AC-DC Adapters for Notebooks, etc.
• Offline Battery Chargers
• Set-Top Boxes Power Supplies, TV, Monitors, etc.




Similar Part No. - NCP1230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1230 ONSEMI-NCP1230 Datasheet
739Kb / 6P
Power Factor Controllers
Rev. 7, Sep-2006
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230 Datasheet
242Kb / 21P
Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
More results


Similar Description - NCP1230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
PWM Controller for Low Standby Power Battery-Charger Applications
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
100mW Standby Power Green PWM Controller
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com