Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125GMT15 Datasheet (PDF) - Holland Electronics

125GMT15 Datasheet PDF - Holland Electronics
Part # 125GMT15
Download  125GMT15 Download
File Size   268.38 Kbytes
Page   5 Pages
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics
Description Power :: 10/10 and 15/15 Position GMT Fuse Panels

125GMT15 Datasheet (PDF)

Go To PDF Page Download Datasheet
125GMT15 Datasheet PDF - Holland Electronics

Part # 125GMT15
Download  125GMT15 Click to download

File Size   268.38 Kbytes
Page   5 Pages
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics
Description Power :: 10/10 and 15/15 Position GMT Fuse Panels

125GMT15 Datasheet (HTML) - Holland Electronics


125GMT15 Product details

Primary Benefits
• Universal voltage (±12VDC, ±24VDC and ±48VDC) enables standardization on a single part number for multiple voltages
• Up to 20A fuses for distribution to a variety of network elements
• UL and NEBS compliant to ensure industry-standard safety and functional requirements
• Form C relay contacts provide reliable alarm connections
• Integrated designation card holder for simple circuit identification
• Fail alarm LEDs indicate fuse and power failures
• Clear, flame-retardant polycarbonate cover (94V-0) protects input and output power connections and wiring from damage
• Horizontal feed inputs and a choice of outputs: either staggered terminal blocks that facilitate waterfall cable management, or connectors that speed up installation and allow cables to exit straight back from the panel
• Optional Individual Circuit Monitoring provides high accuracy, 100% passive monitoring
• Collect voltage and current for both feed and output circuit
• Collect temperature using optional nrgTEMP probes

Applications
• Wireless
• Central office
• Co-location
• Remote sites
• Secondary distribution




Similar Part No. - 125GMT15

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125 CDE-125 Datasheet
805Kb / 5P
The Pace-Setter for Long Life and High Temperature
125 CDE-125 Datasheet
1Mb / 3P
Screw Terminal Mounting Hardware and Accessories
logo
ATTEND Technology Inc.
125 ATTEND-125 Datasheet
466Kb / 6P
MXM 230P Connector, STD, 7.8H, Gold Flash, Black, Reel
2020/04/17
logo
Littelfuse
125 LITTELFUSE-125 Datasheet
648Kb / 2P
Heavy Duty Fuse Clips
07/08/21
125 LITTELFUSE-125 Datasheet
228Kb / 1P
Circuit Board Mount Clips for 10mm (13/32”) Diameter Fuses
12/08/22
More results


Similar Description - 125GMT15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8803B SAMSUNG-KS8803B Datasheet
109Kb / 9P
10/15 CH PLL
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
logo
Astrodyne Corporation
SPU12A ASTRODYNE-SPU12A Datasheet
547Kb / 3P
10-15 Watt Wallmount Switching Power Supplies
logo
Tumbler Technologies + ...
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
10-15 Watt Medical Power Adapters
logo
Bothhand USA, LP.
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
10~15 Watts Switching Adapter
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
10-15 Watt Switching Adapter
logo
List of Unclassifed Man...
BACKSHELL-2 ETC2-BACKSHELL-2 Datasheet
89Kb / 1P
IP67-15 POSITION
logo
Tumbler Technologies + ...
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
10-15 Watt Medical Power Adapters
logo
Kemet Corporation
L1210R150KDWIT KEMET-L1210R150KDWIT Datasheet
54Kb / 1P
KEMET, L-DWI, Power, 15 uH, 10%
logo
Tripp Lite. All Rights ...
TLM1015NC TRIPPLITE-TLM1015NC Datasheet
98Kb / 3P
Power It! Power Strip with 10 Outlets and 15-ft. Cord
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com