Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

350CB06 Datasheet (PDF) - Holland Electronics

350CB06 Datasheet PDF - Holland Electronics
Part # 350CB06
Download  350CB06 Download
File Size   192.34 Kbytes
Page   3 Pages
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics
Description 350A Dual-Feed High-Current Panel

350CB06 Datasheet (PDF)

Go To PDF Page Download Datasheet
350CB06 Datasheet PDF - Holland Electronics

Part # 350CB06
Download  350CB06 Click to download

File Size   192.34 Kbytes
Page   3 Pages
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics
Description 350A Dual-Feed High-Current Panel

350CB06 Datasheet (HTML) - Holland Electronics


350CB06 Product details

Key Benefits
•High-current capabilities — two 350A inputs
•High-power distribution – six 125A single-pole positions per input
•Field configurable – bullet-style connectivity:
•Airpax LEL or Carling CA1 circuit breakers
•CSI TFD fuse holders
•Fuse panel convenience – five 15A GMT fuses per input
•Universal voltage applications – ±24 VDC and -48 VDC operation supported
•Robust connections – input cable up to 750 MCM, output cable up to #2 AWG
•Individual breaker faceplate design – each breaker individually accessible and provides physicalprotection of the toggle from inadvertent tripping
•Industry compliance – UL, cUL and NEBS level 3
•Rear cover included — covers all input and output power connections

Applications
• Network routers
• Data servers
• Other standard equipment supported by BDFBs
• Central offices, data centers, remotes and co-locates




Similar Part No. - 350CB06

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
350CFX10M10X20 RUBYCON-350CFX10M10X20 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX22M12.5X20 RUBYCON-350CFX22M12.5X20 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX3.3M10X16 RUBYCON-350CFX3.3M10X16 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX33M12.5X25 RUBYCON-350CFX33M12.5X25 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
350CFX4.7M10X16 RUBYCON-350CFX4.7M10X16 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - 350CB06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
415Kb / 2P
Panel Mount Bulkhead Feed-Thru
logo
PHOENIX CONTACT
0203137 PHOENIX-0203137 Datasheet
517Kb / 6P
High Voltage High Current Feed-Through Terminal Blocks
logo
Littelfuse
JBPT0001Z LITTELFUSE-JBPT0001Z_12 Datasheet
2Mb / 3P
HIGH CURRENT SINGLE STUD FEED-THRU
logo
PHOENIX CONTACT
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
ST-8ES1N8ACK04S - Panel feed-through
1618402 PHOENIX-1618402 Datasheet
581Kb / 12P
ST-3EP1N8ACK02S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618785 PHOENIX-1618785 Datasheet
583Kb / 12P
ST-7ES1N8ACK04S - Panel feed-through
1618801 PHOENIX-1618801 Datasheet
634Kb / 13P
ST-08S1N8ACK02S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com