Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7280-A Datasheet (PDF) - Renesas Technology Corp

DA7280-A Datasheet PDF - Renesas Technology Corp
Part # DA7280-A_V01
Download  DA7280-A Download
File Size   2267.42 Kbytes
Page   77 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wideband LRA/ERM Haptic Driver for Automotive Applications

DA7280-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7280-A Datasheet PDF - Renesas Technology Corp

Part # DA7280-A_V01
Download  DA7280-A Click to download

File Size   2267.42 Kbytes
Page   77 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wideband LRA/ERM Haptic Driver for Automotive Applications

DA7280-A Datasheet (HTML) - Renesas Technology Corp


DA7280-A Product details

▪ AEC Q-100 Grade 2 Qualified
▪ LRA or ERM drive capability
▪ Automatic LRA resonant frequency tracking
▪ Wideband LRA support
▪ I2C and PWM input streaming
▪ Low latency (0.75 ms) I2C/GPI wake-up from low
power consumption IDLE state, IQ = 0.36 μA
▪ Ultra-low latency (0.15 ms) wake-up from STANDBY
state, IQ = 0.8 mA
▪ Three GPI pins for triggering of up to six independent
haptic sequences
▪ On-board Waveform Memory with amplitude, time,
and frequency control
▪ Active Acceleration and Rapid Stop technology for
high-fidelity haptic feedback




Similar Part No. - DA7280-A_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
More results


Similar Description - DA7280-A_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
Automotive Haptic Driver for LRA and ERM
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Dialog Semiconductor
DA7280 DIALOG-DA7280 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
DA7281 DIALOG-DA7281 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com