Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS0603 Datasheet (PDF) - Eaton All Rights Reserved.

PTS0603 Datasheet PDF - Eaton All Rights Reserved.
Part # PTS0603
Download  PTS0603 Download
File Size   519.44 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description SMD PTC fuses

PTS0603 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTS0603 Datasheet PDF - Eaton All Rights Reserved.

Part # PTS0603
Download  PTS0603 Click to download

File Size   519.44 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description SMD PTC fuses

PTS0603 Datasheet (HTML) - Eaton All Rights Reserved.


PTS0603 Product details

Product features
• Positive temperature coefficient (PTC)
• Surface mount resettable fuse
• Low resistance
• Compact 0603 (1608 metric) footprint
• Voltage rating 6 V to 15 V
• Current rating from 0.04 A to 0.35 A
• Fast time-to-trip
Applications
• Data ports
• Micromotors and fans
• Low voltage test and measurement
• Low voltage hand held equipment
• PC-based medical equipment
• USB protection
• Secondary Li-ion battery protection
• Game consoles, set top boxes
• Battery charging & charging connections




Similar Part No. - PTS0603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTS0603 VISHAY-PTS0603 Datasheet
134Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
29-Jan-08
PTS060301B100R1K00P100 VISHAY-PTS060301B100R1K00P100 Datasheet
134Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
29-Jan-08
PTS060301B100R1K00P500 VISHAY-PTS060301B100R1K00P500 Datasheet
134Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
29-Jan-08
PTS060301B100R1K00PU00 VISHAY-PTS060301B100R1K00PU00 Datasheet
134Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
29-Jan-08
PTS060301B100R1K00PW00 VISHAY-PTS060301B100R1K00PW00 Datasheet
134Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
29-Jan-08
More results


Similar Description - PTS0603

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com