Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTSA1812 Datasheet (PDF) - Eaton All Rights Reserved.

PTSA1812 Datasheet PDF - Eaton All Rights Reserved.
Part # PTSA1812
Download  PTSA1812 Download
File Size   464.44 Kbytes
Page   4 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Automotive SMD PTC fuses

PTSA1812 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTSA1812 Datasheet PDF - Eaton All Rights Reserved.

Part # PTSA1812
Download  PTSA1812 Click to download

File Size   464.44 Kbytes
Page   4 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Automotive SMD PTC fuses

PTSA1812 Datasheet (HTML) - Eaton All Rights Reserved.


PTSA1812 Product details

Product features
• AEC-Q200 qualified
• Positive temperature coefficient (PTC)
• Surface mount resettable fuse
• Compact 1812 (4532 metric) footprint
• Low resistance
• Fast time-to-trip
• Current rating from 0.10 A to 2.60 A
• Voltage rating from 16 V to 60 V
Applications
• Infotainment
• In-vehicle navigation
• Telematics
• Car lighting
• Power window and seat control
• Instrument clusters
• PCB trace protection




Similar Part No. - PTSA1812

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTSA1206 EATON-PTSA1206 Datasheet
446Kb / 4P
Automotive SMD PTC fuses
Effective June 2021
PTSA120613V050 EATON-PTSA120613V050 Datasheet
446Kb / 4P
Automotive SMD PTC fuses
Effective June 2021
PTSA120616V025 EATON-PTSA120616V025 Datasheet
446Kb / 4P
Automotive SMD PTC fuses
Effective June 2021
PTSA120616V035 EATON-PTSA120616V035 Datasheet
446Kb / 4P
Automotive SMD PTC fuses
Effective June 2021
PTSA120624V020 EATON-PTSA120624V020 Datasheet
446Kb / 4P
Automotive SMD PTC fuses
Effective June 2021
More results


Similar Description - PTSA1812

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com