Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10N80FPT Datasheet (PDF) - A POWER MICROELECTRONICS

AP10N80FPT Datasheet PDF - A POWER MICROELECTRONICS
Part # AP10N80FPT
Download  AP10N80FPT Download
File Size   1203.12 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 800V N-Channel Enhancement Mode MOSFET

AP10N80FPT Datasheet (PDF)

Go To PDF Page Download Datasheet
AP10N80FPT Datasheet PDF - A POWER MICROELECTRONICS

Part # AP10N80FPT
Download  AP10N80FPT Click to download

File Size   1203.12 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 800V N-Channel Enhancement Mode MOSFET

AP10N80FPT Datasheet (HTML) - A POWER MICROELECTRONICS


AP10N80FPT Product details

Features
- VDS = 800V ID =10A
- RDS(ON) < 1.0Ω @ VGS=10V (Type:0.77Ω)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP10N80FPT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP10N012H A-POWER-AP10N012H Datasheet
110Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10N012I A-POWER-AP10N012I Datasheet
111Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10N012IN A-POWER-AP10N012IN Datasheet
111Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10N012J A-POWER-AP10N012J Datasheet
110Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10N012MT A-POWER-AP10N012MT Datasheet
71Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - AP10N80FPT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP1N80 PANJIT-PJP1N80 Datasheet
227Kb / 6P
800V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY7N80T HY-HY7N80T Datasheet
232Kb / 4P
800V / 7A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
8N80 WXDH-8N80 Datasheet
780Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
E8N80 WXDH-E8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
901Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
E7N80 WXDH-E7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F7N80 WXDH-F7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F8N80 WXDH-F8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
I7N80 WXDH-I7N80 Datasheet
899Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
I8N80 WXDH-I8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com