Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP12N25DY Datasheet (PDF) - A POWER MICROELECTRONICS

AP12N25DY Datasheet PDF - A POWER MICROELECTRONICS
Part # AP12N25DY
Download  AP12N25DY Download
File Size   1487.97 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 250V N-Channel Enhancement Mode MOSFET

AP12N25DY Datasheet (PDF)

Go To PDF Page Download Datasheet
AP12N25DY Datasheet PDF - A POWER MICROELECTRONICS

Part # AP12N25DY
Download  AP12N25DY Click to download

File Size   1487.97 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 250V N-Channel Enhancement Mode MOSFET

AP12N25DY Datasheet (HTML) - A POWER MICROELECTRONICS


AP12N25DY Product details

Features
- VDS = 250V ID =12A
- RDS(ON) < 550mΩ @ VGS=10V (Type:450mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP12N25DY

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP12N02S APME-AP12N02S Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
AP12N06S APME-AP12N06S Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP12N10BF APME-AP12N10BF Datasheet
835Kb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP12N10SI APME-AP12N10SI Datasheet
615Kb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP12N10Y APME-AP12N10Y Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP12N25DY

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4525E6 ZETEX-ZVN4525E6 Datasheet
426Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G ZETEX-ZVN4525G Datasheet
408Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525Z ZETEX-ZVN4525Z Datasheet
431Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVN4525E6 KEXIN-KVN4525E6 Datasheet
56Kb / 2P
250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6 Datasheet
437Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525G DIODES-ZVN4525G Datasheet
419Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525Z DIODES-ZVN4525Z Datasheet
443Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525E6 DIODES-ZVN4525E6_15 Datasheet
1Mb / 7P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVN4525G DIODES-ZVN4525G_15 Datasheet
295Kb / 7P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Cystech Electonics Corp...
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
250V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com