Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3G02LI Datasheet (PDF) - A POWER MICROELECTRONICS

AP3G02LI Datasheet PDF - A POWER MICROELECTRONICS
Part # AP3G02LI
Download  AP3G02LI Download
File Size   1382.24 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NP-Channel Enhancement Mode MOSFET

AP3G02LI Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3G02LI Datasheet PDF - A POWER MICROELECTRONICS

Part # AP3G02LI
Download  AP3G02LI Click to download

File Size   1382.24 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NP-Channel Enhancement Mode MOSFET

AP3G02LI Datasheet (HTML) - A POWER MICROELECTRONICS


AP3G02LI Product details

Features
- VDS = 20V ID =3.8A
- RDS(ON) < 50mΩ @ VGS=4.5V (Type:42mΩ)
- VDS = -20V ID =-3.8A
- RDS(ON) < 120mΩ @ VGS=-4.5V(Type:95mΩ)

Applications
BLDC




Similar Part No. - AP3G02LI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP3G03LI APME-AP3G03LI Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
More results


Similar Description - AP3G02LI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW3G02S YFWDIODE-YFW3G02S Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4G02LI YFWDIODE-YFW4G02LI Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G02NF YFWDIODE-YFW25G02NF Datasheet
3Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4606S YFWDIODE-YFW4606S_V01 Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com