Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N50D Datasheet (PDF) - A POWER MICROELECTRONICS

AP4N50D Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4N50D
Download  AP4N50D Download
File Size   886.08 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 450V N-Channel Enhancement Mode MOSFET

AP4N50D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4N50D Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4N50D
Download  AP4N50D Click to download

File Size   886.08 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 450V N-Channel Enhancement Mode MOSFET

AP4N50D Datasheet (HTML) - A POWER MICROELECTRONICS


AP4N50D Product details

Features
- VDS = 500V ID =4A
- RDS(ON) < 2.8Ω @ VGS=10V (Type:2.2Ω)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP4N50D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP4N500SZBE ETC2-AP4N500SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
More results


Similar Description - AP4N50D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
450V N-Channel MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
450V N-Channel MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4 Datasheet
219Kb / 6P
450V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2006
DMGD7N45SSD DIODES-DMGD7N45SSD_15 Datasheet
311Kb / 7P
450V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
450V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP45H4D9HJ3 DIODES-DMP45H4D9HJ3 Datasheet
462Kb / 7P
450V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP45H4D9HK3 DIODES-DMP45H4D9HK3 Datasheet
395Kb / 7P
450V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP45H21DHE DIODES-DMP45H21DHE Datasheet
609Kb / 7P
450V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP45H150DHE DIODES-DMP45H150DHE Datasheet
529Kb / 6P
450V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com