Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4V05S Datasheet (PDF) - A POWER MICROELECTRONICS

AP4V05S Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4V05S
Download  AP4V05S Download
File Size   1833.13 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -55V PP-Channel Enhancement Mode MOSFET

AP4V05S Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4V05S Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4V05S
Download  AP4V05S Click to download

File Size   1833.13 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -55V PP-Channel Enhancement Mode MOSFET

AP4V05S Datasheet (HTML) - A POWER MICROELECTRONICS


AP4V05S Product details

Features
- VDS = -55V ID =-4.8A
- RDS(ON) < 125mΩ @ VGS=-10V (Type:108mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP4V05S

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4V02LI APME-AP4V02LI Datasheet
1,019Kb / 7P
-20V PP-Channel Enhancement Mode MOSFET
AP4V03LI APME-AP4V03LI Datasheet
739Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP4V05S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
IRF5305STRL UMW-IRF5305STRL Datasheet
1Mb / 8P
-55V P-Channel MOSFET
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
-55V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com