Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5N30D Datasheet (PDF) - A POWER MICROELECTRONICS

AP5N30D Datasheet PDF - A POWER MICROELECTRONICS
Part # AP5N30D
Download  AP5N30D Download
File Size   619.47 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 300V N-Channel Enhancement Mode MOSFET

AP5N30D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP5N30D Datasheet PDF - A POWER MICROELECTRONICS

Part # AP5N30D
Download  AP5N30D Click to download

File Size   619.47 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 300V N-Channel Enhancement Mode MOSFET

AP5N30D Datasheet (HTML) - A POWER MICROELECTRONICS


AP5N30D Product details

Features
- VDS = 300V ID =5A
- RDS(ON) < 1.5Ω @ VGS=10V (Type:1.0Ω)

Applications
- Eliminate stroboscopic
- Brush motor




Similar Part No. - AP5N30D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5N30BD APME-AP5N30BD Datasheet
649Kb / 7P
300V N-Channel Enhancement Mode MOSFET
REV1.0
AP5N30Y APME-AP5N30Y Datasheet
632Kb / 7P
300V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP5N30D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
300V N-Channel MOSFET
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
logo
Supertex, Inc
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
logo
Shenzhen Huazhimei Semi...
HM5N30K HMSEMI-HM5N30K Datasheet
1Mb / 6P
300V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com