Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5N50BD Datasheet (PDF) - A POWER MICROELECTRONICS

AP5N50BD Datasheet PDF - A POWER MICROELECTRONICS
Part # AP5N50BD
Download  AP5N50BD Download
File Size   825.54 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 500V N-Channel Enhancement Mode MOSFET

AP5N50BD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP5N50BD Datasheet PDF - A POWER MICROELECTRONICS

Part # AP5N50BD
Download  AP5N50BD Click to download

File Size   825.54 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 500V N-Channel Enhancement Mode MOSFET

AP5N50BD Datasheet (HTML) - A POWER MICROELECTRONICS


AP5N50BD Product details

Features
- VDS = 500V ID =5A
- RDS(ON) < 3.0Ω @ VGS=10V (Type:2.4Ω)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP5N50BD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5N50BNF APME-AP5N50BNF Datasheet
776Kb / 7P
500V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP5N50BD

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
500V / 5A N-Channel Enhancement Mode MOSFET
HY8N50T HY-HY8N50T Datasheet
129Kb / 4P
500V / 8.0A N-Channel Enhancement Mode MOSFET
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
15N50 WXDH-15N50 Datasheet
1Mb / 12P
15A 500V N-channel Enhancement Mode Power MOSFET
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com