Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5N50F Datasheet (PDF) - A POWER MICROELECTRONICS

AP5N50F Datasheet PDF - A POWER MICROELECTRONICS
Part # AP5N50F
Download  AP5N50F Download
File Size   1558.0 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 500V N-Channel Enhancement Mode MOSFE

AP5N50F Datasheet (PDF)

Go To PDF Page Download Datasheet
AP5N50F Datasheet PDF - A POWER MICROELECTRONICS

Part # AP5N50F
Download  AP5N50F Click to download

File Size   1558.0 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 500V N-Channel Enhancement Mode MOSFE

AP5N50F Datasheet (HTML) - A POWER MICROELECTRONICS


AP5N50F Product details

Features
- High EAS
- xtremely low switching loss
- Excellent stability and uniformity or Invertors
- VDS = 500V ID =5 A
- RDS(ON) < 1.2Ω @ VGS=10V

Applications
- Consumer electronic power supply Motor control
- Synchronous-rectification Isolated AC




Similar Part No. - AP5N50F

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5N50FD APME-AP5N50FD Datasheet
658Kb / 7P
500V NFRD-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP5N50F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
500V / 5A N-Channel Enhancement Mode MOSFET
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
3N65K-MK4 UTC-3N65K-MK4 Datasheet
210Kb / 6P
N-CHANNEL POWER MOSFE
logo
Cystech Electonics Corp...
MTE025N04N3 CYSTEKEC-MTE025N04N3 Datasheet
419Kb / 9P
40V N-Channel Enhancement Mode MOSFE
MTC4503BH8 CYSTEKEC-MTC4503BH8 Datasheet
1Mb / 14P
N-AND P-Channel Enhancement Mode MOSFE
logo
ACE Technology Co., LTD...
ACE160P17B ACE-ACE160P17B Datasheet
238Kb / 2P
P-Channel Enhancement Mode Power MOSFE
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com