Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6G03LI Datasheet (PDF) - A POWER MICROELECTRONICS

AP6G03LI Datasheet PDF - A POWER MICROELECTRONICS
Part # AP6G03LI
Download  AP6G03LI Download
File Size   1728.19 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NP-Channel Enhancement Mode MOSFET

AP6G03LI Datasheet (PDF)

Go To PDF Page Download Datasheet
AP6G03LI Datasheet PDF - A POWER MICROELECTRONICS

Part # AP6G03LI
Download  AP6G03LI Click to download

File Size   1728.19 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NP-Channel Enhancement Mode MOSFET

AP6G03LI Datasheet (HTML) - A POWER MICROELECTRONICS


AP6G03LI Product details

Features
- VDS = 30V ID =6.8A
- RDS(ON) < 25mΩ @ VGS=10V (Type:18mΩ)
- VDS = -30V ID =-5.8A
- RDS(ON) < 52mΩ @ VGS=-10V(Type:42mΩ)

Applications
BLDC




Similar Part No. - AP6G03LI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP6G03BF APME-AP6G03BF Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
REV1.0
AP6G03BLI APME-AP6G03BLI Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
REV1.0
AP6G03S APME-AP6G03S Datasheet
2Mb / 9P
30V NP-Channel Enhancement Mode MOSFET
More results


Similar Description - AP6G03LI

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com