Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6H04LI Datasheet (PDF) - A POWER MICROELECTRONICS

AP6H04LI Datasheet PDF - A POWER MICROELECTRONICS
Part # AP6H04LI
Download  AP6H04LI Download
File Size   1320.19 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NN-Channel Enhancement Mode MOSFET

AP6H04LI Datasheet (PDF)

Go To PDF Page Download Datasheet
AP6H04LI Datasheet PDF - A POWER MICROELECTRONICS

Part # AP6H04LI
Download  AP6H04LI Click to download

File Size   1320.19 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NN-Channel Enhancement Mode MOSFET

AP6H04LI Datasheet (HTML) - A POWER MICROELECTRONICS


AP6H04LI Product details

Features
- VDS=40V ID =6.3A
- RDS(ON) < 38mΩ @ VGS=10V (Type:28mΩ)

Applications
- Wireless charging
- Boost driver
- Brushless motor




Similar Part No. - AP6H04LI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP6H04S APME-AP6H04S Datasheet
678Kb / 7P
40V NN-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP6H04LI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H04LI YFWDIODE-YFW6H04LI Datasheet
964Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04DF YFWDIODE-YFW8H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04S YFWDIODE-YFW8H04S Datasheet
991Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04DF YFWDIODE-YFW10H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04S YFWDIODE-YFW10H04S Datasheet
1Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04NF YFWDIODE-YFW20H04NF Datasheet
2Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04S YFWDIODE-YFW20H04S Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW35H04NF YFWDIODE-YFW35H04NF Datasheet
2Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40H04NF YFWDIODE-YFW40H04NF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com