Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216D20PR Datasheet (PDF) - Torex Semiconductor

XC6216D20PR Datasheet PDF - Torex Semiconductor
Part # XC6216D20PR
Download  XC6216D20PR Download
File Size   1355.33 Kbytes
Page   49 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)

XC6216D20PR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6216D20PR Datasheet PDF - Torex Semiconductor

Part # XC6216D20PR
Download  XC6216D20PR Click to download

File Size   1355.33 Kbytes
Page   49 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)

XC6216D20PR Datasheet (HTML) - Torex Semiconductor


XC6216D20PR Product details

■GENERAL DESCRIPTION
XC6216/XE6216 series are positive voltage regulator ICs with 28V of operation voltage. The series consists of a voltage reference, an error amplifier, a current limiter, a thermal shutdown circuit and a phase compensation circuit plus a driver transistor.
The output voltage is selectable in 0.1V increments within the range of 1.8V to 12V using laser trimming technologies. With external resistors, the output voltage range can be expanded from 2.0V to 23V. The output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors.
The over current protection circuit and the thermal shutdown circuit are built-in. These two protection circuits will operate when the output current reaches current limit level or the junction temperature reaches temperature limit level.
The CE function enables the output to be turned off and the IC becomes a stand-by mode resulting in greatly reduced power consumption.

■APPLICATIONS
●Car audio, Car navigation systems
●Note PCs / Tablet PCs
●Mobile devices / terminals
●Digital still cameras / Camcorders
●Smart phones / Mobile phones
●Multi-function power supplies

■FEATURES
Max Output Current : More than 150mA (200mA limit) (VIN=VOUT+3.0V)
Dropout Voltage : 300mV@IOUT=20mA
Input Voltage Range : 2.0V~28.0V
Output Voltage Range : 1.8V~12.0V (0.1V increments)
2.0V~23V with external resistors
Fixed Output Accuracy :±2%
±1% (Vout≧2.00V)
±20mV (Vout≦1.9V)
Low Power Consumption : 5μA
Stand-by Current : Less than 0.1μA
High Ripple Rejection : 30dB@1kHz
Operating Temperature : -40℃~+85℃
Low ESR Capacitor : Ceramic Capacitor Compatible
Built–in Protection : Current Limit Circuit
Thermal Shutdown Circuit
Operating Ambient Temperature : -40℃~+85℃
Packages : SOT-25, SOT-89, SOT-89-5, USP-6C, SOT-223, TO-252
USP-6B06, SOT-23
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC6216D20PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216D201ER TOREX-XC6216D201ER Datasheet
771Kb / 43P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216D201FR TOREX-XC6216D201FR Datasheet
771Kb / 43P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216D201FR-G TOREX-XC6216D201FR-G Datasheet
771Kb / 43P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216D201JR TOREX-XC6216D201JR Datasheet
771Kb / 43P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216D201ML TOREX-XC6216D201ML Datasheet
722Kb / 41P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results


Similar Description - XC6216D20PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
28V Operation High Speed Voltage Regulators with Stand-by Function
logo
Minmax Technology Co., ...
MCWI05 MINMAX-MCWI05 Datasheet
468Kb / 4P
Low Stand-by Power Consumption
logo
MORNSUN Science& Techno...
MBP300-2A27D27 MORNSUN-MBP300-2A27D27 Datasheet
1Mb / 7P
Low stand-by power consumption
logo
Torex Semiconductor
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com