Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2561F-1 Datasheet (PDF) - Renesas Technology Corp

PS2561F-1 Datasheet PDF - Renesas Technology Corp
Part # PS2561F-1
Download  PS2561F-1 Download
File Size   503.48 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110

PS2561F-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2561F-1 Datasheet PDF - Renesas Technology Corp

Part # PS2561F-1
Download  PS2561F-1 Click to download

File Size   503.48 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110

PS2561F-1 Datasheet (HTML) - Renesas Technology Corp


PS2561F-1 Product details

• Operating ambient temperature: 110 C
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High current transfer ratio (CTR = 450 % TYP.)
• High-speed switching (tr = 5 s TYP., tf = 7 s TYP.)
• Embossed tape product: PS2561FL-1-F3 : 2 000 pcs/reel
• Pb-free product
• Safety standard
• UL approved: UL 1577, Double protection




Similar Part No. - PS2561F-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561F-1 RENESAS-PS2561F-1 Datasheet
243Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
348Kb / 14P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110°C
Rev.3.01 Jun. 18, 2026
logo
California Eastern Labs
PS2561F-1Y-A CEL-PS2561F-1Y-A Datasheet
1Mb / 14P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
More results


Similar Description - PS2561F-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 NEC-PS2561D-1 Datasheet
127Kb / 13P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com