Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2H10LI Datasheet (PDF) - A POWER MICROELECTRONICS

AP2H10LI Datasheet PDF - A POWER MICROELECTRONICS
Part # AP2H10LI
Download  AP2H10LI Download
File Size   649.19 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 100V NN-Channel Enhancement Mode MOSFET

AP2H10LI Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2H10LI Datasheet PDF - A POWER MICROELECTRONICS

Part # AP2H10LI
Download  AP2H10LI Click to download

File Size   649.19 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 100V NN-Channel Enhancement Mode MOSFET

AP2H10LI Datasheet (HTML) - A POWER MICROELECTRONICS


AP2H10LI Product details

Features
- VDS = 100V ID =2.8A
- RDS(ON) < 300mΩ @ VGS=10V (Type:220mΩ)

Applications
- Atomizer
- Load switch
- Uninterruptible power supply




Similar Part No. - AP2H10LI

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP2 ALTECH-AP2 Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
ADAPTIVE
AP2-024-06-11 ADAPTIVE-AP2-024-06-11 Datasheet
354Kb / 3P
2-stage, Peltier cooler module
logo
Knowles Electronics
AP20-4 KNOWLES-AP20-4 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
AP20-4E KNOWLES-AP20-4E Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
AP20-5 KNOWLES-AP20-5 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results


Similar Description - AP2H10LI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW8H10S YFWDIODE-YFW8H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H10S YFWDIODE-YFW10H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG40H10NF YFWDIODE-YFWG40H10NF Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com