Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3HV02BF Datasheet (PDF) - A POWER MICROELECTRONICS

AP3HV02BF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP3HV02BF
Download  AP3HV02BF Download
File Size   1158.93 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NPNP-Channel Enhancement Mode MOSFET

AP3HV02BF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3HV02BF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP3HV02BF
Download  AP3HV02BF Click to download

File Size   1158.93 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NPNP-Channel Enhancement Mode MOSFET

AP3HV02BF Datasheet (HTML) - A POWER MICROELECTRONICS


AP3HV02BF Product details

Features
- VDS = 20V ID =3.3A
- RDS(ON) < 50mΩ @ VGS=4.5V (Type:42mΩ)
- VDS = -20V ID =-2.8A
- RDS(ON) < 120mΩ @ VGS=-4.5V(Type:95mΩ)

Applications
- BLDC




Similar Part No. - AP3HV02BF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP3HV02LI APME-AP3HV02LI Datasheet
920Kb / 10P
20V NNPP-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP3HV02BF

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
NP05-1C90-500-250 MEDER-NP05-1C90-500-250 Datasheet
90Kb / 1P
NP Reed Relays
NP12-1A66-11000-210 MEDER-NP12-1A66-11000-210 Datasheet
92Kb / 1P
NP Reed Relays
NP12-1A66-1300-210 MEDER-NP12-1A66-1300-210 Datasheet
92Kb / 1P
NP Reed Relays
NP12-1A66-2500-210 MEDER-NP12-1A66-2500-210 Datasheet
92Kb / 1P
NP Reed Relays
NP24-1A66-5000-213 MEDER-NP24-1A66-5000-213 Datasheet
92Kb / 1P
NP Reed Relays
NP24-1C90-2500-250 MEDER-NP24-1C90-2500-250 Datasheet
92Kb / 1P
NP Reed Relays
NP05-2A66-500-220 MEDER-NP05-2A66-500-220 Datasheet
180Kb / 2P
NP Reed Relay
NP12-2A66-1500-220 MEDER-NP12-2A66-1500-220 Datasheet
75Kb / 1P
NP Reed Relay
logo
Shenzhen Jin Yu Semicon...
MMBTA44 HTSEMI-MMBTA44 Datasheet
700Kb / 1P
TRANSISTOR(NP)
logo
List of Unclassifed Man...
BC158 ETC1-BC158 Datasheet
209Kb / 4P
TRANZYSTORY p-np
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com