Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9223 Datasheet (PDF) - Torex Semiconductor

XC9223 Datasheet PDF - Torex Semiconductor
Part # XC9223
Download  XC9223 Download
File Size   2035.34 Kbytes
Page   24 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1A Driver Transistor Built-In Step-Down DC/DC Converters

XC9223 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9223 Datasheet PDF - Torex Semiconductor

Part # XC9223
Download  XC9223 Click to download

File Size   2035.34 Kbytes
Page   24 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1A Driver Transistor Built-In Step-Down DC/DC Converters

XC9223 Datasheet (HTML) - Torex Semiconductor


XC9223 Product details

■GENERAL DESCRIPTION
The XC9223/XC9224 series are synchronous step-down DC/DC converters with a 0.21Ω (TYP.) P-channel driver transistor and a synchronous 0.23Ω (TYP.) N-channel switching transistor built-in. A highly efficient and stable current can be supplied up to 1.0A by reducing ON resistance of the built-in transistor. With a high switching frequency of 1.0MHz or 2.0MHz, a small inductor is selectable; therefore, the XC9223/XC9224 series are ideally suited to applications with height limitation such as HDD or space-saving applications.
Current limit value can be chosen either 1.2A (MIN.) when the LIM pin is high level, or 0.6A (MIN.) when the LIM pin is low level for using the power supply which current limit value differs such as USB or AC adapter. With the MODE/SYNC pin, the XC9223/XC9224 series provide mode selection of the fixed PWM control or automatically switching current limit PFM/PWM control. As for preventing unwanted switching noise, the XC9223/XC9224 series can be synchronized with an external clock signal within the range of ± 25% toward an internal clock signal via the MODE/SYNC pin. For protection against heat damage of the ICs, the XC9223/XC9224 series build in three protection functions: integral latch protection, thermal shutdown, and short-circuit protection. With the built-in UVLO (Under Voltage Lock Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 1.8V or lower.The XC9223B/XC9224B series’ detector function monitors the discretional voltage by external resistors.

■APPLICATIONS
●Magnetic disk drive
●Note PCs / Tablet PCs
●CD-R / RW, DVD
●Mobile devices / terminals
●Digital still cameras / Camcorders
●Multi-function power supplies

■FEATURES
Input Voltage Range : 2.5V ~ 6.0V
Output Voltage Range : 0.9V ~ VIN (set by FB pin)
Oscillation Frequency : 1MHz, 2MHz (+15% accuracy)
Output Current : 1.0A
Maximum Current Limit : 0.6A (MIN.) ~ 0.9A (MAX) with LIM pin=’L’
: 1.2A (MIN.) ~ 2.0A (MAX.) with LIM pin=’H’
Controls : PWM/PFM or PWM by MODE pin
Protection Circuits : Thermal shutdown Integral latch method Short-circuit protection
Soft-Start Time : 1ms (TYP.) internally set
Voltage Detector : 0.712V Detection, N-channel open drain
Built-in P-channel MOSFET : 0.21Ω
Built-in Synchronous : 0.23Ω
N-channel MOSFET (No Schottky Barrier Diode Required)
High Efficiency : 95% (VIN=5.0V, VOUT=3.3V)
Synchronized with an External Clock Signal Ceramic Capacitor Compatible Packages : MSOP-10, USP-10B
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC9223

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Similar Description - XC9223

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
30V Driver Transistor Built-In Step-Down DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com