Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3N100F Datasheet (PDF) - A POWER MICROELECTRONICS

AP3N100F Datasheet PDF - A POWER MICROELECTRONICS
Part # AP3N100F
Download  AP3N100F Download
File Size   1410.96 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 1000V N-Channel Enhancement Mode MOSFET

AP3N100F Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3N100F Datasheet PDF - A POWER MICROELECTRONICS

Part # AP3N100F
Download  AP3N100F Click to download

File Size   1410.96 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 1000V N-Channel Enhancement Mode MOSFET

AP3N100F Datasheet (HTML) - A POWER MICROELECTRONICS


AP3N100F Product details

Features
- VDS = 1000V ID =3.0A
- RDS(ON) < 5500mΩ @ VGS=10V (Type:4600mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP3N100F

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP3N100D APME-AP3N100D Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP3N100F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
1000V N-Channel MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com