Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT541CTLE Datasheet (PDF) - Pericom Semiconductor Corporation

PI74FCT541CTLE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74FCT541CTLE
Download  PI74FCT541CTLE Download
File Size   730.27 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Octal Buffer/Line Drivers

PI74FCT541CTLE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74FCT541CTLE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74FCT541CTLE
Download  PI74FCT541CTLE Click to download

File Size   730.27 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Octal Buffer/Line Drivers

PI74FCT541CTLE Datasheet (HTML) - Pericom Semiconductor Corporation


PI74FCT541CTLE Product details

Description
Pericom Semiconductor’sPI74FCT244T/541T and P174FCT2244/2541T are 8-bit wide driver circuits, designed to be used in applications requiring high-speed and high-output drive. Ideal applications would include bus drivers, memory drivers, address drivers, and system clock drivers.
The PI74FCT541 and 2541T provide similar driver capabilities, but have their pins physically grouped by function. All inputs are located on one side of the package, while outputs are on the opposite side, allowing for a much simpler and denser board layout.
All PI74FCT2XXX devices have a built-in 25Ω series resistor on all outputs to reduce noise because of reflections, thus eliminating the need for an external terminating resistor.

Features
• PI74FCT244/541T and PI74FCT2244/2541T are pin compatible with bipolar Fast Series at a higher speed and lower power consumption
• 25Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packaging (Pb-free & Green available):
   PI74FCT244T
      – 20-pin 173-mil wide plastic TSSOP (L)
      – 20-pin 209-mil wide plastic SSOP (H)
      – 20-pin 150-mil wide plastic QSOP (Q)
      – 20-pin 300-mil wide plastic SOIC (S)
   PI74FCT2244T
      – 20-pin 173-mil wide plastic TSSOP (L)
      – 20-pin 150-mil wide plastic QSOP (Q)
      – 20-pin 300-mil wide plastic SOIC (S)
   PI74FCT541T (Pb-free & Green)
      – 20-pin 173-mil wide plastic TSSOP (L)
      – 20-pin 150-mil wide plastic QSOP (Q)
      – 20-pin 300-mil wide plastic SOIC (S)
   PI74FCT2541T
   – 20-pin 150-mil wide plastic QSOP (Q)
   – 20-pin 300-mil wide plastic SOIC (S)
• Device models available upon request




Similar Part No. - PI74FCT541CTLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT541CTL PERICOM-PI74FCT541CTL Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
More results


Similar Description - PI74FCT541CTLE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
Fast CMOS 16-Bit Octal Buffer/Line Drivers
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
74541 IDT-74541 Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com