Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4P20Y Datasheet (PDF) - A POWER MICROELECTRONICS

AP4P20Y Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4P20Y
Download  AP4P20Y Download
File Size   1798.72 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -200V P-Channel Enhancement Mode MOSFET

AP4P20Y Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4P20Y Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4P20Y
Download  AP4P20Y Click to download

File Size   1798.72 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -200V P-Channel Enhancement Mode MOSFET

AP4P20Y Datasheet (HTML) - A POWER MICROELECTRONICS


AP4P20Y Product details

Features
- VDS = -200V ID =-4.0A
- RDS(ON) < 1.7Ω @ VGS=-10V (Type:1.4Ω)

Applications
- Lithium battery protection
- Mobile phone fast charging




Similar Part No. - AP4P20Y

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4P012LEH A-POWER-AP4P012LEH Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P013LEP A-POWER-AP4P013LEP Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P013LES A-POWER-AP4P013LES Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P016H A-POWER-AP4P016H Datasheet
74Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P016I A-POWER-AP4P016I Datasheet
71Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - AP4P20Y

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP2120G4 ZETEX-ZXMP2120G4 Datasheet
442Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120E5 ZETEX-ZXMP2120E5 Datasheet
384Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120FF ZETEX-ZXMP2120FF Datasheet
410Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5 Datasheet
391Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
JANUARY 2007
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120E5 DIODES-ZXMP2120E5_15 Datasheet
718Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP2120G4 DIODES-ZXMP2120G4_15 Datasheet
745Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Cystech Electonics Corp...
MTD2K5P20KM3 CYSTEKEC-MTD2K5P20KM3 Datasheet
402Kb / 9P
-200V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK13P20 LEIDITECH-LMAK13P20 Datasheet
2Mb / 5P
-200V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com