Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2565-1 Datasheet (PDF) - Renesas Technology Corp

PS2565-1 Datasheet PDF - Renesas Technology Corp
Part # PS2565-1
Download  PS2565-1 Download
File Size   5457.45 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE

PS2565-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2565-1 Datasheet PDF - Renesas Technology Corp

Part # PS2565-1
Download  PS2565-1 Click to download

File Size   5457.45 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE

PS2565-1 Datasheet (HTML) - Renesas Technology Corp


PS2565-1 Product details

 AC input response
 High isolation voltage (BV = 5 000 Vr.m.s.)
 High collector to emitter voltage (VCEO = 80 V)
 High current transfer ratio (CTR = 200 % TYP.)
 High-speed switching (tr = 3 μs TYP., tf = 5 μs TYP.)
 Ordering number of taping product: PS2565L-1-F3 : 2 000 pcs/reel
: PS2565L2-1-F3 : 2 000 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Double protection
 CSA approved: CAN/CSA-C22.2 No. 62368-1, Reinforced insulation
 BSI approved: BS EN 62368-1, Reinforced insulation
 SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
 NEMKO approved: EN 62368-1, Reinforced insulation
 FIMKO approved: EN 62368-1, Reinforced insulation
 DEMKO approved: EN 62368-1, Reinforced insulation
 VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS2565-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2565-1 NEC-PS2565-1 Datasheet
108Kb / 16P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
280Kb / 18P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2565-1-A CEL-PS2565-1-A Datasheet
971Kb / 16P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2565-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2805-1 NEC-PS2805-1 Datasheet
135Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
High Isolation Voltage AC Input Response Type SSOP Photocoupler
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1_15 Datasheet
286Kb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com