Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2841-4A Datasheet (PDF) - Renesas Technology Corp

PS2841-4A Datasheet PDF - Renesas Technology Corp
Part # PS2841-4A
Download  PS2841-4A Download
File Size   5162.83 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WORLD’S SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER

PS2841-4A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2841-4A Datasheet PDF - Renesas Technology Corp

Part # PS2841-4A
Download  PS2841-4A Click to download

File Size   5162.83 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description WORLD’S SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER

PS2841-4A Datasheet (HTML) - Renesas Technology Corp


PS2841-4A Product details

• Ultra small and thin package
(12-pin ultra shrink SOP, Pin pitch 0.8 mm, 4.4 (L)  5.6 (W)  2.5 (H))
• Common lead PS2841-4A: cathode, collector common
PS2841-4B: anode, collector common
• High current transfer ratio (CTR = 200% TYP. @ IF = 1mA)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Pb-Free product
• Ordering number of tape product:
PS2841-4A-F3: 2 500 pcs/reel
PS2841-4B-F3: 2 500 pcs/reel
• Safety standards
• UL approved: UL1577, Single protecion




Similar Part No. - PS2841-4A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2841-4A CEL-PS2841-4A Datasheet
361Kb / 11P
WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2841-4A RENESAS-PS2841-4A Datasheet
230Kb / 14P
WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2841-4A-F3 CEL-PS2841-4A-F3 Datasheet
361Kb / 11P
WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2841-4A-F3 RENESAS-PS2841-4A-F3 Datasheet
230Kb / 14P
WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A-F3 RENESAS-PS2841-4A-F3 Datasheet
236Kb / 14P
WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
More results


Similar Description - PS2841-4A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2841-4A CEL-PS2841-4A Datasheet
361Kb / 11P
WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
PS2845-4A CEL-PS2845-4A Datasheet
344Kb / 11P
WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
2010-01-15
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A Datasheet
230Kb / 14P
WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2845-4A RENESAS-PS2845-4A Datasheet
228Kb / 14P
WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A_15 Datasheet
236Kb / 14P
WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2845-4A RENESAS-PS2845-4A_15 Datasheet
235Kb / 14P
WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com