Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8501L2 Datasheet (PDF) - Renesas Technology Corp

PS8501L2 Datasheet PDF - Renesas Technology Corp
Part # PS8501L2
Download  PS8501L2 Download
File Size   328.56 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED ANALOG OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER

PS8501L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS8501L2 Datasheet PDF - Renesas Technology Corp

Part # PS8501L2
Download  PS8501L2 Click to download

File Size   328.56 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED ANALOG OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER

PS8501L2 Datasheet (HTML) - Renesas Technology Corp


PS8501L2 Product details

• Long creepage distance (8 mm MIN. : PS8501L1, PS8501L2)
• High supply voltage (VCC = 35 V MAX.)
• High speed response (tPHL, tPLH = 0.8 μs MAX.)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• TTL, CMOS compatible with a resistor
• Ordering number of tape product : PS8501L2-E3 : 1 000 pcs/reel
: PS8501L3-E3 : 1 000 pcs/reel
• Pb-Free product
• Safety standards
• - UL approved: UL1577, Double protection
• - CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• - BSI approved: BS EN 62368-1, Reinforced insulation
• - SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
• - NEMKO approved: EN 62368-1, Reinforced insulation
• - DEMKO approved: EN 62368-1, Reinforced insulation
• - FIMKO approved: EN 62368-1, Reinforced insulation
• - VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS8501L2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8501L2 CEL-PS8501L2 Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501L2 RENESAS-PS8501L2 Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501L2-AX CEL-PS8501L2-AX Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501L2-E3 CEL-PS8501L2-E3 Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501L2-E3 RENESAS-PS8501L2-E3 Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results


Similar Description - PS8501L2

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com