Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5N65P-B Datasheet (PDF) - A POWER MICROELECTRONICS

AP5N65P-B Datasheet PDF - A POWER MICROELECTRONICS
Part # AP5N65P-B
Download  AP5N65P-B Download
File Size   1420.13 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 650V N-Channel Enhancement Mode MOSFET

AP5N65P-B Datasheet (PDF)

Go To PDF Page Download Datasheet
AP5N65P-B Datasheet PDF - A POWER MICROELECTRONICS

Part # AP5N65P-B
Download  AP5N65P-B Click to download

File Size   1420.13 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 650V N-Channel Enhancement Mode MOSFET

AP5N65P-B Datasheet (HTML) - A POWER MICROELECTRONICS


AP5N65P-B Product details

Features
- VDS = 650V ID =5A
- RDS(ON) < 2.4Ω @ VGS=10V (Type:2.0Ω)

Applications
- Uninterruptible Power Supply(UPS)
- LED




Similar Part No. - AP5N65P-B

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5N65D APME-AP5N65D Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
AP5N65DY APME-AP5N65DY Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
AP5N65Y APME-AP5N65Y Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP5N65P-B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
650V N-Channel Enhancement Mode MOSFET
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
650V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY2N65D HY-HY2N65D Datasheet
155Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65D HY-HY4N65D Datasheet
155Kb / 4P
650V / 4A N-Channel Enhancement Mode MOSFET
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
650V / 8A N-Channel Enhancement Mode MOSFET
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
650V / 10A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
650V/ 12A N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
650V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com