Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9303L Datasheet (PDF) - Renesas Technology Corp

PS9303L Datasheet PDF - Renesas Technology Corp
Part # PS9303L
Download  PS9303L Download
File Size   215.74 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER

PS9303L Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9303L Datasheet PDF - Renesas Technology Corp

Part # PS9303L
Download  PS9303L Click to download

File Size   215.74 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER

PS9303L Datasheet (HTML) - Renesas Technology Corp


PS9303L Product details

• High common mode transient immunity (CMH, CML = ±15 kV/μs MIN.)
• Half size of 8-pin DIP
• Pulse width distortion (tPLH − tPHL = 350 ns MAX.)
• High-speed (1 Mbps)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• Totem pole output (Active High Output Type)
• Ordering number of tape product:
PS9303L-E3, PS9303L2-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: UL1577, Double protection
• CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS9303L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9303L-AX CEL-PS9303L-AX Datasheet
987Kb / 16P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
PS9303L-E3 CEL-PS9303L-E3 Datasheet
987Kb / 16P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L-E3 RENESAS-PS9303L-E3 Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
More results


Similar Description - PS9303L

ManufacturerPart #DatasheetDescription
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com