Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT3-XP Datasheet (PDF) - Ledil, Inc.

GT3-XP Datasheet PDF - Ledil, Inc.
Part # GT3-XP
Download  GT3-XP Download
File Size   743.89 Kbytes
Page   3 Pages
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.
Description GT3-XP lenses for Cree XP-E/C series of LEDs

GT3-XP Datasheet (PDF)

Go To PDF Page Download Datasheet
GT3-XP Datasheet PDF - Ledil, Inc.

Part # GT3-XP
Download  GT3-XP Click to download

File Size   743.89 Kbytes
Page   3 Pages
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.
Description GT3-XP lenses for Cree XP-E/C series of LEDs

GT3-XP Datasheet (HTML) - Ledil, Inc.




Similar Part No. - GT3-XP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT3-16DP-2.5DSA HIROSE-GT3-16DP-2.5DSA Datasheet
207Kb / 6P
Antenna, Sensor, and Communications Trunk Line Connections
GT3-2024SCF HIROSE-GT3-2024SCF Datasheet
281Kb / 10P
Interface Portions and In-line Portions of the Various Units and Devices
GT3-20DP-2.5DSA HIROSE-GT3-20DP-2.5DSA Datasheet
207Kb / 6P
Antenna, Sensor, and Communications Trunk Line Connections
More results


Similar Description - GT3-XP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
logo
Ledil, Inc.
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E.
CA10927 LEDIL-CA10927 Datasheet
850Kb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com