Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0204 Datasheet (PDF) - Vishay Siliconix

0204 Datasheet PDF - Vishay Siliconix
Part # 0204
Download  0204 Download
File Size   183.5 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Professional Metal Film Leaded Resistors

0204 Datasheet (PDF)

Go To PDF Page Download Datasheet
0204 Datasheet PDF - Vishay Siliconix

Part # 0204
Download  0204 Click to download

File Size   183.5 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Professional Metal Film Leaded Resistors

0204 Datasheet (HTML) - Vishay Siliconix


0204 Product details

FEATURES
• CECC version (IECQ-CECC approved
according to EN 140101-806)
• Excellent overall stability: class 0.25
• Wide ohmic range: 0.22  to 22 M
• AEC-Q200 qualified available (1)
• Radial version available for MBB/SMA 0207
• Alternative termination wires available e.g. weldable wire
(MBA/SMA 0204 only)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Industrial
• Telecommunication
• Medical equipment
• Automotive




Similar Part No. - 0204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0204 MOLEX3-0204 Datasheet
247Kb / 3P
2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 24 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
0204 MOLEX3-0204 Datasheet
234Kb / 3P
2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 60 Circuits, Tn (Sn) Plating
logo
M/A-COM Technology Solu...
0204 MA-COM-0204 Datasheet
467Kb / 27P
3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
logo
Vishay Siliconix
0204 VISHAY-0204 Datasheet
179Kb / 12P
Thin Film Mini-MELF Resistors
09-Dec-15
logo
Bondhus Corporation.
0204 BONDHUS-0204 Datasheet
352Kb / 2P
HandyHex™ Adjustable Handle
More results


Similar Description - 0204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
Professional Thin Film Leaded Resistors
17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
Professional Thin Film Leaded Resistors
17-Aug-11
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
Professional Thin Film Leaded Resistors
30-Apr-15
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
Professional Thin Film Leaded Resistors
02-Nov-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
Professional Metal Film Leaded Resistors
11-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com