Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6V06S Datasheet (PDF) - A POWER MICROELECTRONICS

AP6V06S Datasheet PDF - A POWER MICROELECTRONICS
Part # AP6V06S
Download  AP6V06S Download
File Size   1664.34 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -60V PP-Channel Enhancement Mode MOSFET

AP6V06S Datasheet (PDF)

Go To PDF Page Download Datasheet
AP6V06S Datasheet PDF - A POWER MICROELECTRONICS

Part # AP6V06S
Download  AP6V06S Click to download

File Size   1664.34 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -60V PP-Channel Enhancement Mode MOSFET

AP6V06S Datasheet (HTML) - A POWER MICROELECTRONICS


AP6V06S Product details

Features
- VDS = -60V ID =-6A
- RDS(ON) < 85mΩ @ VGS=10V (Type:65mΩ)

Applications
- Brushless motor
- Load switch
- Uninterruptible power supply




Similar Part No. - AP6V06S

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP6V01LI APME-AP6V01LI Datasheet
1,008Kb / 7P
-16V PP-Channel Enhancement Mode MOSFET
REV1.0
AP6V02BF APME-AP6V02BF Datasheet
814Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP6V02LI APME-AP6V02LI Datasheet
1,007Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP6V03LI APME-AP6V03LI Datasheet
1,019Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP6V03S APME-AP6V03S Datasheet
801Kb / 7P
-30V PP-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP6V06S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com