Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7N70D-C Datasheet (PDF) - A POWER MICROELECTRONICS

AP7N70D-C Datasheet PDF - A POWER MICROELECTRONICS
Part # AP7N70D-C
Download  AP7N70D-C Download
File Size   925.75 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 700V N-Channel Enhancement Mode MOSFET

AP7N70D-C Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7N70D-C Datasheet PDF - A POWER MICROELECTRONICS

Part # AP7N70D-C
Download  AP7N70D-C Click to download

File Size   925.75 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 700V N-Channel Enhancement Mode MOSFET

AP7N70D-C Datasheet (HTML) - A POWER MICROELECTRONICS


AP7N70D-C Product details

Features
- VDS = 700V ID =7A
- RDS(ON) < 1.8Ω @ VGS=10V (Type:1.5Ω)

Applications
- Uninterruptible Power Supply(UPS)
- LED




Similar Part No. - AP7N70D-C

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP7N70F APME-AP7N70F Datasheet
992Kb / 9P
700V N-Channel Enhancement Mode MOSFET
REV1.0
AP7N70P APME-AP7N70P Datasheet
992Kb / 9P
700V N-Channel Enhancement Mode MOSFET
REV1.0
AP7N70T APME-AP7N70T Datasheet
992Kb / 9P
700V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP7N70D-C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF2N70 PANJIT-PJF2N70 Datasheet
295Kb / 6P
700V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
HY2N70T HY-HY2N70T Datasheet
152Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
HY8N70T HY-HY8N70T Datasheet
150Kb / 4P
700V / 8A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3_15 Datasheet
288Kb / 6P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMJ7N70SK3 DIODES-DMJ7N70SK3_17 Datasheet
417Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMJ70H601SK3 DIODES-DMJ70H601SK3 Datasheet
339Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMJ70H600HCT DIODES-DMJ70H600HCT Datasheet
756Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HCTI DIODES-DMJ70H600HCTI Datasheet
791Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HK3 DIODES-DMJ70H600HK3 Datasheet
612Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 3 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com