Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV1S2285A Datasheet (PDF) - Renesas Technology Corp

RV1S2285A Datasheet PDF - Renesas Technology Corp
Part # RV1S2285A
Download  RV1S2285A Download
File Size   1635.9 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OPERATING AMBIENT TEMPERATURE 115 °C, AC INPUT RESPONSE 4-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSOP) PHOTOCOUPLER

RV1S2285A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S2285A Datasheet PDF - Renesas Technology Corp

Part # RV1S2285A
Download  RV1S2285A Click to download

File Size   1635.9 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OPERATING AMBIENT TEMPERATURE 115 °C, AC INPUT RESPONSE 4-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSOP) PHOTOCOUPLER

RV1S2285A Datasheet (HTML) - Renesas Technology Corp


RV1S2285A Product details

FEATURES
 Small and long creepage (8.2 mm, LSSOP)
 AC input response
 Operating ambient temperature: 115 °C
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Embossed tape product :RV1S2285ACCSP-10Yx#KC0: 3 500 pcs/reel
 Pb-free product
 Safety standard
• UL :UL 1577, Double protection
• CSA :CSA-C22.2 No.62368-1, Reinforced insulation
• VDE :DIN EN IEC 60747-5-5 (Option)




Similar Part No. - RV1S2285A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S2285A RENESAS-RV1S2285A Datasheet
6Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C,AC INPUT RESPONSE
Nov 11,2019
More results


Similar Description - RV1S2285A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Everlight Electronics C...
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
Aug 31, 2016
logo
Renesas Technology Corp
RV1S9261A RENESAS-RV1S9261A Datasheet
350Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
May 09, 2022
RV1S9262A RENESAS-RV1S9262A Datasheet
349Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
May 09, 2022
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
RV1S2281A RENESAS-RV1S2281A Datasheet
1Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C
Nov 11,2019
RV1S2285A RENESAS-RV1S2285A Datasheet
6Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C,AC INPUT RESPONSE
Nov 11,2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com