Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74337 Datasheet (PDF) - Molex Electronics Ltd.

74337 Datasheet PDF - Molex Electronics Ltd.
Part # 74337
Download  74337 Download
File Size   42.33 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Ultra™ VHDCI Interconnects

74337 Datasheet (PDF)

Go To PDF Page Download Datasheet
74337 Datasheet PDF - Molex Electronics Ltd.

Part # 74337
Download  74337 Click to download

File Size   42.33 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Ultra™ VHDCI Interconnects

74337 Datasheet (HTML) - Molex Electronics Ltd.


74337 Product details

Description: 0.80mm Pitch Ultra+™ VHDCI Wire-to-Board Receptacle, Stacked, Right Angle, with Enhanced Shield, Version 1 Footprint, 136 Circuits

Application Wire-to-Board




Similar Part No. - 74337

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74337 MOLEX-74337 Datasheet
668Kb / 2P
0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
logo
Myrra
74337 MYRRA-74337 Datasheet
114Kb / 1P
COMMON MODE CHOKE
logo
Molex Electronics Ltd.
74337-0011 MOLEX-74337-0011 Datasheet
668Kb / 2P
0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
74337-0011 MOLEX8-74337-0011 Datasheet
677Kb / 6P
0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Angle,with Enhanced Shield, Version 1 Footprint, 136 Circuits
74337-0012 MOLEX-74337-0012 Datasheet
668Kb / 2P
0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
More results


Similar Description - 74337

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74337 MOLEX-74337 Datasheet
668Kb / 2P
0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
0714253001 MOLEX8-0714253001 Datasheet
226Kb / 3P
0.80mm (.031") Pitch Ultra??VHDCI Plug Kit, IDT
0737760101 MOLEX8-0737760101 Datasheet
301Kb / 4P
0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Vertical, SMT
0737760201 MOLEX8-0737760201 Datasheet
301Kb / 4P
0.80mm (.031") Pitch Ultra VHDCI Receptacle, Vertical, SMT
0799180082 MOLEX9-0799180082 Datasheet
94Kb / 2P
ULTRA??VHDCI Male-to-ULTRA??VHDCI Male U320, 5.0m (16.40) Length
0799180080 MOLEX9-0799180080 Datasheet
94Kb / 2P
ULTRA??VHDCI Male-to-ULTRA??VHDCI Male U320, 1.0m (3.28) Length
0799180081 MOLEX9-0799180081 Datasheet
94Kb / 2P
ULTRA??VHDCI Male-to-ULTRA??VHDCI Male U320, 3.0m (9.84 ) Length
ATS-622004500 MOLEX-ATS-622004500 Datasheet
787Kb / 19P
VHDCI Terminator Press
09-08-17
logo
Amphenol Corporation
HD38999 AMPHENOL-HD38999 Datasheet
1Mb / 12P
HIGH DENSITY INTERCONNECTS
logo
Electronic Components L...
VHDCI CLIFF-VHDCI Datasheet
586Kb / 1P
VHDCI CABLE
08/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com