Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

172064 Datasheet (PDF) - Molex Electronics Ltd.

172064 Datasheet PDF - Molex Electronics Ltd.
Part # 172064
Download  172064 Download
File Size   33.69 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mega-Fit® Power Connectors

172064 Datasheet (PDF)

Go To PDF Page Download Datasheet
172064 Datasheet PDF - Molex Electronics Ltd.

Part # 172064
Download  172064 Click to download

File Size   33.69 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mega-Fit® Power Connectors

172064 Datasheet (HTML) - Molex Electronics Ltd.


172064 Product details

Description: 5.70mm Pitch, Mega-Fit® Right-Angle Header, 4 Circuits, 0.38μm Gold (Au) Plating, UL 94 V-0, Tray

Application Power, Wire-to-Board




Similar Part No. - 172064

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
172064 MOLEX-172064 Datasheet
1Mb / 4P
Mega-Fit Power Connectors, 5.70mm Pitch
2019.09 Rev. 6
logo
PHOENIX CONTACT
1720644 PHOENIX-1720644 Datasheet
71Kb / 4P
Housing - PCV 5/ 9-G-7,62
More results


Similar Description - 172064

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2451360205 MOLEX1-2451360205 Datasheet
41Kb / 1P
Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row,Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row,
0797582037 MOLEX1-0797582037 Datasheet
40Kb / 1P
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 150mm, 16 AWG
0797582039 MOLEX1-0797582039 Datasheet
37Kb / 1P
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 150mm, 12 AWG
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Molex Electronics Ltd.
451360201 MOLEX-451360201 Datasheet
151Kb / 1P
Mega-Fit 2 Circuit 150MM
2018/01/08
451360403 MOLEX-451360403 Datasheet
145Kb / 1P
Mega-Fit 4 Circuit 300MM
2018/01/08
171692-0206 MOLEX-171692-0206 Datasheet
283Kb / 2P
MEGA-FIT RECEPTACLE DR TPA
2022/04/28
451360601 MOLEX-451360601 Datasheet
153Kb / 1P
Mega-Fit 6 Circuit 150MM
2018/01/08
451360803 MOLEX-451360803 Datasheet
153Kb / 1P
Mega-Fit 8 Circuit 300MM
2018/01/08
451361001 MOLEX-451361001 Datasheet
147Kb / 1P
Mega-Fit 10 Circuit 150MM
2018/01/08
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com