Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP15N02S Datasheet (PDF) - A POWER MICROELECTRONICS

AP15N02S Datasheet PDF - A POWER MICROELECTRONICS
Part # AP15N02S
Download  AP15N02S Download
File Size   2780.03 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V N-Channel Enhancement Mode MOSFET

AP15N02S Datasheet (PDF)

Go To PDF Page Download Datasheet
AP15N02S Datasheet PDF - A POWER MICROELECTRONICS

Part # AP15N02S
Download  AP15N02S Click to download

File Size   2780.03 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V N-Channel Enhancement Mode MOSFET

AP15N02S Datasheet (HTML) - A POWER MICROELECTRONICS


AP15N02S Product details

Features
- VDS = 20V ID =15 A
- RDS(ON) < 8.0mΩ @ VGS=4.5V

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP15N02S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP15N03GH A-POWER-AP15N03GH Datasheet
82Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP15N03GH-HF A-POWER-AP15N03GH-HF Datasheet
102Kb / 5P
Simple Drive Requirement
AP15N03GHJ-HF A-POWER-AP15N03GHJ-HF_14 Datasheet
222Kb / 6P
Simple Drive Requirement
AP15N03GI A-POWER-AP15N03GI Datasheet
99Kb / 4P
Simple Drive Requirement
AP15N03GJ A-POWER-AP15N03GJ Datasheet
82Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - AP15N02S

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com