Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV1S9993A Datasheet (PDF) - Renesas Technology Corp

RV1S9993A Datasheet PDF - Renesas Technology Corp
Part # RV1S9993A
Download  RV1S9993A Download
File Size   515.21 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER

RV1S9993A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9993A Datasheet PDF - Renesas Technology Corp

Part # RV1S9993A
Download  RV1S9993A Click to download

File Size   515.21 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER

RV1S9993A Datasheet (HTML) - Renesas Technology Corp


RV1S9993A Product details

• Product portfolio with two different UVLO (Under Voltage Lock Out) characteristics
RV1S9993A: VUVLO = 9.6 V MAX.
RV1S9994A: VUVLO = 13.4 V MAX.
• Long creepage distance (15 mm MIN., LSDIP8)
• Peak output current (10 A MAX.)
• High speed switching (tPLH, tPHL = 95 ns MAX.)
• Pulse width distortion (|tPLH - tPHL| = 35 ns MAX.)
• High common mode transient immunity (|CMH|, |CML| = 100 kV/μs MIN.)
• High Operating ambient temperature (125 °C MAX.)
• High isolation voltage (BV = 7 500 Vr.m.s.)
• Embossed tape product:
RV1S9993ACCSP-10Yx#KC0: 1 000 pcs/reel
RV1S9994ACCSP-10Yx#KC0: 1 000 pcs/reel
• Pb-free product
Safety standard
• UL :UL1577, Double protection
•VDE :DIN EN IEC 60747-5-5, DIN EN IEC 62368-1, Reinforced insulation




Similar Part No. - RV1S9993A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9991A RENESAS-RV1S9991A Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YC RENESAS-RV1S9991ACCSP-10YC Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YC#KC0 RENESAS-RV1S9991ACCSP-10YC#KC0 Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YC#SC0 RENESAS-RV1S9991ACCSP-10YC#SC0 Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
RV1S9991ACCSP-10YV RENESAS-RV1S9991ACCSP-10YV Datasheet
560Kb / 20P
4 A OUTPUT CURRENT, HIGH CMTI IGBT, GaN FET, SiC FET and Si power MOSFET gate drive 15 mm LONG CREEPAGE DISTANCE (LSDIP8) PHOTOCOUPLER
Dec. 11, 2025
More results


Similar Description - RV1S9993A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402 Datasheet
342Kb / 17P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9905 CEL-PS9905 Datasheet
11Mb / 19P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
PS9402 CEL-PS9402 Datasheet
4Mb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402_15 Datasheet
292Kb / 24P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P347 AVAGO-ACPL-P347 Datasheet
312Kb / 14P
1.0 Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
Broadcom Corporation.
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
ACPL-P347 BOARDCOM-ACPL-P347 Datasheet
900Kb / 16P
1.0-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com