Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-0141-2000 Datasheet (PDF) - Magnelab.

ACT-0141-2000 Datasheet PDF - Magnelab.
Part # ACT-0141-2000
Download  ACT-0141-2000 Download
File Size   738.0 Kbytes
Page   1 Pages
Manufacturer  MAGNELAB [Magnelab.]
Direct Link  https://magnelab.com/
Logo MAGNELAB - Magnelab.
Description Split-Core AC Current Transformer ACT-0141-Series, 5 Amp Output 62mm X 141mm Opening With Ratings Up to 2,400 Amps

ACT-0141-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT-0141-2000 Datasheet PDF - Magnelab.

Part # ACT-0141-2000
Download  ACT-0141-2000 Click to download

File Size   738.0 Kbytes
Page   1 Pages
Manufacturer  MAGNELAB [Magnelab.]
Direct Link  https://magnelab.com/
Logo MAGNELAB - Magnelab.
Description Split-Core AC Current Transformer ACT-0141-Series, 5 Amp Output 62mm X 141mm Opening With Ratings Up to 2,400 Amps

ACT-0141-2000 Datasheet (HTML) - Magnelab.


ACT-0141-2000 Product details

Description:
Magnelab’s ACT-0141-Series
measures AC current from 1200 to 2,400 Amps,
and provide 5 Amps output at rated current.
Features:
• Rated input 1200 to 2400 Amps
• Output of 5 Amps at rated current
• Accuracy conforms to IEC 60044-1, meets the
measuring range from 5 to 120% of rated current
(See chart for details)
• Protection to 6.5 Vp Bipolar
• Leads 18 AWG, 600 Vac, 6 FT long
• 1.2 times rated current continuously
• Insulation CATII or CATIII 600 Vac
• UL recognized IEC 61010-1, CE, and RoHS Compliant
• Operating temperature -20°C to 70°C




Similar Part No. - ACT-0141-2000

ManufacturerPart #DatasheetDescription
logo
Magnelab.
ACT-0024-100 MAGNELAB-ACT-0024-100 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-100-1A MAGNELAB-ACT-0024-100-1A Datasheet
214Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-100/1A, 1 Amp Output
ACT-0024-200 MAGNELAB-ACT-0024-200 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-300 MAGNELAB-ACT-0024-300 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0036-200 MAGNELAB-ACT-0036-200 Datasheet
216Kb / 1P
Split-Core AC Current Output Transformer ACT-0036-XXX, 5 Amp Output
More results


Similar Description - ACT-0141-2000

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
Current ratings up to 100 Amps
logo
Beijing Yaohuadechang E...
SCT016S YHDC-SCT016S Datasheet
678Kb / 1P
Split core current transformer
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
logo
Carlo Gavazzi Holding A...
CTD6S CARLOGAVAZZI-CTD6S Datasheet
296Kb / 2P
Accessories AC Split-Core Current Transformer
CTD5S CARLOGAVAZZI-CTD5S Datasheet
294Kb / 2P
Accessories AC Split-Core Current Transformer
CTD-9S CARLOGAVAZZI-CTD-9S Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer
CTD8S CARLOGAVAZZI-CTD8S Datasheet
302Kb / 2P
Accessories AC Split-Core Current Transformer
CTD-10S CARLOGAVAZZI-CTD-10S Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com