Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K1XX Datasheet (PDF) - NXP Semiconductors

S32K1XX Datasheet PDF - NXP Semiconductors
Part # S32K1XX
Download  S32K1XX Download
File Size   1805.84 Kbytes
Page   108 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description This Data Sheet supports S32K116, S32K118, S32K142, S32K142W, S32K144, S32K144W, S32K146, and S32K148

S32K1XX Datasheet (PDF)

Go To PDF Page Download Datasheet
S32K1XX Datasheet PDF - NXP Semiconductors

Part # S32K1XX
Download  S32K1XX Click to download

File Size   1805.84 Kbytes
Page   108 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description This Data Sheet supports S32K116, S32K118, S32K142, S32K142W, S32K144, S32K144W, S32K146, and S32K148

S32K1XX Datasheet (HTML) - NXP Semiconductors


S32K1XX Product details

1.1
Key Features
•Operating characteristics
—Voltage range: 2.7 V to 5.5 V
—Ambient temperature range: -40 °C to 105 °C for HSRUN mode, -40 °C to 150 °C for RUN mode
•Arm™ Cortex-M4F/M0+ core, 32-bit CPU
—Supports up to 112 MHz frequency (HSRUN mode) with 1.25 Dhrystone MIPS per MHz
—Arm Core based on the Armv7 Architecture and Thumb®-2 ISA
—Integrated Digital Signal Processor (DSP)
—Configurable Nested Vectored Interrupt Controller (NVIC)
—Single Precision Floating Point Unit (FPU)
•Clock interfaces
—4 - 40 MHz fast external oscillator (SOSC) with up to 50 MHz DC external square input clock in external clock mode
—48 MHz Fast Internal RC oscillator (FIRC)
—8 MHz Slow Internal RC oscillator (SIRC)
—128 kHz Low Power Oscillator (LPO)
—Up to 112 MHz (HSRUN) System Phased Lock Loop (SPLL)
—Up to 20 MHz TCLK and 25 MHz SWD_CLK
—32 kHz Real Time Counter external clock (RTC_CLKIN)
•Power management
—Low-power Arm Cortex-M4F/M0+ core with excellent energy efficiency
—Power Management Controller (PMC) with multiple power modes: HSRUN, RUN, STOP, VLPR, and VLPS
Note: CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to execute simultaneously. The device will need to switch to RUN mode (80 MHz) to execute CSEc (Security) or EEPROM writes/erase.
—Clock gating and low power operation supported on specific peripherals
•Memory and memory interfaces
—Up to 2 MB program flash memory with ECC
—64 KB FlexNVM for data flash memory with ECC and EEPROM emulation
Note: CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to execute simultaneously. The device will need to switch to RUN mode (80 MHz) to execute CSEc (Security) or EEPROM writes/erase.
—Up to 256 KB SRAM with ECC
—Up to 4 KB of FlexRAM for use as SRAM or EEPROM emulation
—Up to 4 KB Code cache to minimize performance impact of memory access latencies
—QuadSPI with HyperBus™ support
•Mixed-signal analog
—Up to two 12-bit Analog-to-Digital Converter (ADC) with up to 32 channel analog inputs per module
—One Analog Comparator (CMP) with internal 8-bit Digital to Analog Converter (DAC)




Similar Part No. - S32K1XX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX Datasheet
1Mb / 100P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 12, 02/2020
S32K1XX NXP-S32K1XX Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
S32K1XX NXP-S32K1XX Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
S32K1XX NXP-S32K1XX Datasheet
1Mb / 84P
S32K1xx Data Sheet
Rev. 9, 09/2018
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
More results


Similar Description - S32K1XX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JB12 FREESCALE-MC68HC908JB12 Datasheet
649Kb / 12P
This section updates data sheet information and introduces the 20-pin SOIC
logo
Renesas Technology Corp
R5F3651TNFC RENESAS-R5F3651TNFC_11 Datasheet
891Kb / 115P
This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
This MCU consumes low power, and supports operating modes
R5F363A6NFA RENESAS-R5F363A6NFA_11 Datasheet
918Kb / 119P
This MCU consumes low power, and supports operating modes
logo
Freescale Semiconductor...
S9S12G64F0CLF FREESCALE-S9S12G64F0CLF Datasheet
8Mb / 1292P
Reference Manual and Data Sheet
logo
CITIZEN ELECTRONICS CO....
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
This data sheet is applied to the LED package
logo
Xilinx, Inc
DS567 XILINX-DS567 Datasheet
668Kb / 24P
This data sheet describes the DDR2 Memory Controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com