Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L Datasheet (PDF) - List of Unclassifed Manufacturers

AC101L Datasheet PDF - List of Unclassifed Manufacturers
Part # AC101L
Download  AC101L Download
File Size   73.39 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 10/100BASE-TX SINGLE-PHY TRANSCEIVER

AC101L Datasheet (PDF)

Go To PDF Page Download Datasheet
AC101L Datasheet PDF - List of Unclassifed Manufacturers

Part # AC101L
Download  AC101L Click to download

File Size   73.39 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 10/100BASE-TX SINGLE-PHY TRANSCEIVER

AC101L Datasheet (HTML) - List of Unclassifed Manufacturers


AC101L Product details

[BROADCOM]



The AC101L provides all of the required features of an MII compliant 10/100TX/FX Ethernet transceiver. The AC101L has the lowest power consumption of any other single- port solution.



FETURES

• Single port—10BASE-T/100BASE-TX/100BASE-FX, full duplex or half-duplex

• Power supply: 2.5V or 3.3V

• Integrated voltage regulator to allow operation from single supply source

• Single port—MII

• HP auto-MDIX

• Small package—48-pin TQFP, 49 square mm footprint

• Low power—typical less than 200 mW (100BASE-TX)

• Fully compliant with IEEE 802.3/802.3u

• Baseline wander correction

• Multi-function programmable LED outputs

• Reverse polarity detection and correction

• Read/write register bit indication

• Industrial temperature (3.3V only)



SUMMARY OF BENEFITS

• Fully integrated TX/FX PHY transceiver (MII to TX magnetics or FX-Optics)

• Low system cost

• Simplified board design

• HP auto-MDIX detects and corrects crossed cables

• Automatically accommodates link partner polarity

• Small footprint to allow reduced real estate in space-critical applications such as PCMCIA cards

• Industry’s lowest power Fast Ethernet PHY

• Accommodates either a 3.3V or a 2.5V power supply

• Low-power and intelligent power management

• Standby mode to conserve power



 




Similar Part No. - AC101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101L ETC-AC101L Datasheet
102Kb / 2P
10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
Broadcom Corporation.
AC101L BOARDCOM-AC101L Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
AC101L-DS00-R BOARDCOM-AC101L-DS00-R Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
AC101L-DS01-R BOARDCOM-AC101L-DS01-R Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
AC101L-DS02-R BOARDCOM-AC101L-DS02-R Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
More results


Similar Description - AC101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
Broadcom Corporation.
BCM5221 BOARDCOM-BCM5221 Datasheet
201Kb / 1P
10/100BASE TX SINGLE CHANNEL SIGNI PHY TRANSCEIVER
BCM5220 BOARDCOM-BCM5220 Datasheet
126Kb / 2P
10/100BASE-TX SINGLE-CHANNEL SIGNI-PHY-TM TRANSCEIVER
BCM5241 BOARDCOM-BCM5241 Datasheet
179Kb / 2P
10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5222 BOARDCOM-BCM5222_04 Datasheet
122Kb / 2P
10/100BASE-TX DUAL-PORT DIGI-PHY TRANSCEIVER
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
10/100BASE-TX Transceiver
78Q2123 TERIDIAN-78Q2123 Datasheet
737Kb / 42P
10/100BASE-TX Transceiver
logo
Broadcom Corporation.
BCM5241XA1KMLG BOARDCOM-BCM5241XA1KMLG Datasheet
180Kb / 2P
10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5241A1IMLG BOARDCOM-BCM5241A1IMLG Datasheet
166Kb / 2P
10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com