Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2395A Datasheet (PDF) - Aeroflex Circuit Technology

2395A Datasheet PDF - Aeroflex Circuit Technology
Part # 2395A
Download  2395A Download
File Size   357.08 Kbytes
Page   8 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description 9 kHz to 26.5 GHz Spectrum Analyzer

2395A Datasheet (PDF)

Go To PDF Page Download Datasheet
2395A Datasheet PDF - Aeroflex Circuit Technology

Part # 2395A
Download  2395A Click to download

File Size   357.08 Kbytes
Page   8 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description 9 kHz to 26.5 GHz Spectrum Analyzer

2395A Datasheet (HTML) - Aeroflex Circuit Technology




Similar Part No. - 2395A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2395 KR-2395 Datasheet
29Kb / 2P
Bandpass Filter
logo
Keystone Electronics Co...
2395 KEYSTONE-2395 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
KR Electronics, Inc.
2395-10.7-3M-50 KR-2395-10.7-3M-50 Datasheet
92Kb / 2P
Bandpass Filter
2395-10.7M-3M-50 KR-2395-10.7M-3M-50 Datasheet
92Kb / 2P
KR 2395-10.7-3M-50 is a 10.7 MHz surface mount bandpass filter.
2395-107M-3M-50 KR-2395-107M-3M-50 Datasheet
92Kb / 2P
Surface Mount Package
More results


Similar Description - 2395A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4376B HP-N4376B Datasheet
561Kb / 16P
20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
Spectrum Analyzer
logo
Peregrine Semiconductor
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
Spectrum Analyzer
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
Spectrum Analyzer
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
SPECTRUM ANALYZER
GSP-9300B GWINSTEK-GSP-9300B Datasheet
711Kb / 4P
3GHz SPECTRUM ANALYZER
GSP-9330 GWINSTEK-GSP-9330 Datasheet
863Kb / 4P
3.25GHz SPECTRUM ANALYZER
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
Spectrum Analyzer
2011/65/EU
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com