Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56800E Datasheet (PDF) - Freescale Semiconductor, Inc

56800E Datasheet PDF - Freescale Semiconductor, Inc
Part # 56800E
Download  56800E Download
File Size   296.84 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56800E Datasheet (PDF)

Go To PDF Page Download Datasheet
56800E Datasheet PDF - Freescale Semiconductor, Inc

Part # 56800E
Download  56800E Click to download

File Size   296.84 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56800E Datasheet (HTML) - Freescale Semiconductor, Inc


56800E Product details

56F801 General Description

• Up to 30 MIPS operation at 60MHz core frequency

• Up to 40 MIPS operation at 80MHz core frequency

• DSP and MCU functionality in a unified, C-efficient architecture

• MCU-friendly instruction set supports both DSP and controller functions: MAC, bit manipulation unit, 14

addressing modes

• Hardware DO and REP loops

• 6-channel PWM Module

• Two 4-channel, 12-bit ADCs

• Serial Communications Interface (SCI)

• Serial Peripheral Interface (SPI)

•8K ×16-bit words (16KB) Program Flas

•1K ×16-bit words (2KB) Program RAM

•2K ×16-bit words (4KB) Data Flash

•1K ×16-bit words (2KB) Data RAM

•2K ×16-bit words (4KB) Boot Flash

• General Purpose Quad Timer

• JTAG/OnCETM port for debugging

• On-chip relaxation oscillator

• 11 shared GPIO

• 48-pin LQFP Package



56F801 Features

Digital SignalProcessing Core

• Efficient 16-bit 56800 family controller engine with dual Harvard architecture

• As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency

• Single-cycle 16 ×16-bit parallel Multiplier-Accumulator (MAC)

• Two 36-bit accumulators including extension bits

• 16-bit bidirectional barrel shifter

• Parallel instruction set with unique processor addressing modes

• Hardware DO and REP loops

• Three internal address buses and one external address bus

• Four internal data buses and one external data bus

• Instruction set supports both DSP and controller functions

• Controller style addressing modes and instructions for compact code

• Efficient C compiler and local variable support

• Software subroutine and interrupt stack with depth limited only by memory

• JTAG/OnCE debug programming interface



Memory

• Harvard architecture permits as many as three simultaneous accesses to Program and Data memory

• On-chip memory including a low-cost, high-volume Flash solution

—8K ×16 bit words of Program Flash

—1K ×16-bit words of Program RAM

—2K ×16-bit words of Data Flash

—1K ×16-bit words of Data RAM

—2K ×16-bit words of Boot Flash

• Programmable Boot Flash supports customized boot code and field upgrades of stored code through a variety of interfaces (JTAG, SPI)



Peripheral Circuits for 56F801

• Pulse Width Modulator (PWM) with six PWM outputs, two Fault inputs, fault-tolerant design with deadtime

insertion; supports both center- and edge-aligned modes

• Two 12-bit, Analog-to-Digital Converters (ADCs), which support two simultaneous conversions with two

4-multiplexed inputs; ADC and PWM modules can be synchronized

• General Purpose Quad Timer: Timer D with three pins (or three additional GPIO lines)

• Serial Communication Interface (SCI) with two pins (or two additional GPIO lines)

• Serial Peripheral Interface (SPI) with configurable four-pin port (or four additional GPIO lines)




Similar Part No. - 56800E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800E FREESCALE-56800E Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800E NXP-56800E Datasheet
1Mb / 48P
16-bit Digital Signal Controllers
Rev. 8 01/2007
56800E NXP-56800E Datasheet
2Mb / 60P
16-bit Digital Signal Controllers
Rev. 6 01/2007
56800E NXP-56800E Datasheet
2Mb / 60P
16-bit Digital Signal Controllers
Rev. 6 01/2007
56800E NXP-56800E Datasheet
1Mb / 52P
16-bit Digital Signal Controllers
Rev. 6 01/2007
More results


Similar Description - 56800E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
56F8357 FREESCALE-56F8357 Datasheet
2Mb / 177P
16-bit Digital Signal Controllers
56F8366 FREESCALE-56F8366_07 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8036 NXP-56F8036 Datasheet
1Mb / 164P
16-bit Digital Signal Controllers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com