Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUSES100 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

MUSES100 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # MUSES100
Download  MUSES100 Download
File Size   2018.36 Kbytes
Page   38 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 600mA 5.5V Low Noise LDO Regulator For High Quality Audio

MUSES100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUSES100 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # MUSES100
Download  MUSES100 Click to download

File Size   2018.36 Kbytes
Page   38 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 600mA 5.5V Low Noise LDO Regulator For High Quality Audio

MUSES100 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


MUSES100 Product details

FEATURES
⚫ Input Voltage Range (Maximum Rating):
2.5 V to 5.5 V (6.5 V)
⚫ Output Voltage Range: 1.2 V to 5.0 V
⚫ Output Current: 600 mA
⚫ Output Noise Voltage: Typ. 3.0 μVrms
(IOUT = 50 mA, CNR = 0.47 μF)
⚫ Ripple Rejection: Typ. 90 dB (f = 1 kHz, 10 kHz)
Typ. 80 dB (f = 100 kHz)
(CNR = 0.47 μF)
⚫ Dropout Voltage: Typ. 0.15 V
(IOUT = 600 mA, VSET = 3.3 V)
⚫ Quiescent Current: Typ. 960 μA
⚫ Operating Temperature Range: -40 ºC to 85 ºC
⚫ Protection Function: Thermal Shutdown
Under Voltage Lockout(UVLO)
Over Current Protection
⚫ Film capacitors and Aluminum electrolytic capacitors
can be used in.




Similar Part No. - MUSES100

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
MUSES01 NJRC-MUSES01 Datasheet
528Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
logo
Nisshinbo Micro Devices...
MUSES01 NISSHINBO-MUSES01 Datasheet
656Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
20250321
logo
New Japan Radio
MUSES01 NJRC-MUSES01_15 Datasheet
469Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
MUSES02 NJRC-MUSES02 Datasheet
396Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
logo
Nisshinbo Micro Devices...
MUSES02 NISSHINBO-MUSES02 Datasheet
695Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
20250319
More results


Similar Description - MUSES100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005 Datasheet
362Kb / 7P
600mA Low Noise CMOS LDO
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
600mA CMOS Low Power Low Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_08 Datasheet
129Kb / 7P
600mA Low Noise CMOS LDO
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
AME8855A AME-AME8855A Datasheet
451Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230_09 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
600mA High PSRR, Low Noise, LDO Regulators
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
600mA,Ultra-low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
600mA High PSRR Low Noise LDO
logo
Fitipower Integrated Te...
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com