Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP24N60F Datasheet (PDF) - A POWER MICROELECTRONICS

AP24N60F Datasheet PDF - A POWER MICROELECTRONICS
Part # AP24N60F
Download  AP24N60F Download
File Size   877.6 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 600V N-Channel Enhancement Mode MOSFET

AP24N60F Datasheet (PDF)

Go To PDF Page Download Datasheet
AP24N60F Datasheet PDF - A POWER MICROELECTRONICS

Part # AP24N60F
Download  AP24N60F Click to download

File Size   877.6 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 600V N-Channel Enhancement Mode MOSFET

AP24N60F Datasheet (HTML) - A POWER MICROELECTRONICS


AP24N60F Product details

Features
- VDS = 600V ID =24A
- RDS(ON) < 350mΩ @ VGS=10V (Type:280mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP24N60F

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP24N60MP APME-AP24N60MP Datasheet
699Kb / 7P
600V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP24N60F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
600V N-Channel Enhancement Mode MOSFET
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP5N60 PANJIT-PJP5N60 Datasheet
193Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4N60SK3 DIODES-DMG4N60SK3 Datasheet
565Kb / 7P
600V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
600V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com