Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL3225E Datasheet (PDF) - Renesas Technology Corp

ICL3225E Datasheet PDF - Renesas Technology Corp
Part # ICL3225E
Download  ICL3225E Download
File Size   428.24 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 3V to 5.5V, 1μA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown

ICL3225E Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3225E Datasheet PDF - Renesas Technology Corp

Part # ICL3225E
Download  ICL3225E Click to download

File Size   428.24 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 3V to 5.5V, 1μA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown

ICL3225E Datasheet (HTML) - Renesas Technology Corp


ICL3225E Product details

• Pb-free (RoHS compliant)
• ESD protection for RS-232 I/O pins to ±15kV
(IEC61000)
• Manual and enhanced automatic powerdown
features
• Drop in replacements for MAX3225E, MAX3227E,
MAX3245E
• RS-232 compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 specifications at
3V
• Latch-up free
• On-chip voltage converters require only four
external 0.1μF capacitors
• Ensured mouse driveability (ICL3245E)
• “Ready to Transmit” indicator output
(ICL3225E/ICL3227E)
• Receiver hysteresis for improved noise immunity
• Ensured minimum data rate: 1Mbps
• Low skew at transmitter/receiver input trip
points: 10ns
• Ensured minimum slew rate: 24V/μs
• Wide power supply range: single +3V to +5.5V
• Low supply current in powerdown state: 1μA




Similar Part No. - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E Datasheet
383Kb / 19P
-15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
June 2004
ICL3225E INTERSIL-ICL3225E Datasheet
442Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3225E INTERSIL-ICL3225E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ICL3225E INTERSIL-ICL3225E Datasheet
450Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
February 27, 2006
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Similar Description - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
-15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
June 2004
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
June 2003
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com