Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL3237E Datasheet (PDF) - Renesas Technology Corp

ICL3237E Datasheet PDF - Renesas Technology Corp
Part # ICL3237E
Download  ICL3237E Download
File Size   318.54 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers

ICL3237E Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3237E Datasheet PDF - Renesas Technology Corp

Part # ICL3237E
Download  ICL3237E Click to download

File Size   318.54 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers

ICL3237E Datasheet (HTML) - Renesas Technology Corp


ICL3237E Product details

• Pb-free (RoHS compliant)
• ESD protection for RS-232 I/O pins to ±15kV
(IEC61000)
• Pin compatible replacement for MAX3237E
• Pin selectable, ensured data rate: 250kbps/1Mbps
• Meets EIA/TIA-232 and V.28/V.24 specifications
at 3V
• RS-232 compatible with VCC = 2.7V
• Latch-up free
• On-chip voltage converters require only
four external capacitors
• Manual powerdown feature
• Flow through pinout
• Rx and Tx hysteresis for improved noise immunity
• Rx active in powerdown; separate Rx Enable pin
• Guaranteed minimum slew rate: 6V/μs or 24V/μs
• Wide power supply range: Single +3V to +5.5V
• Low supply current in powerdown state: 10nA




Similar Part No. - ICL3237E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3237E INTERSIL-ICL3237E Datasheet
302Kb / 12P
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
July 2004
ICL3237E INTERSIL-ICL3237E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3237ECA INTERSIL-ICL3237ECA Datasheet
302Kb / 12P
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
July 2004
logo
Renesas Technology Corp
ICL3237ECA RENESAS-ICL3237ECA Datasheet
571Kb / 12P
짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
More results


Similar Description - ICL3237E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
September 2001
ICL3237E INTERSIL-ICL3237E Datasheet
302Kb / 12P
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
July 2004
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
October 21, 2005
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com